Part Number Hot Search : 
8062M 1N4971C RCB0610 01320 RCB0610 KE200 ENA0125B L7809ABP
Product Description
Full Text Search
 

To Download TAE-3D1212H6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  electrical specifications all specifications typical @+25c, nominal line, and full load unless otherwise noted. input specifications input voltage range......................................see table nominal input....................................5, 12, 24, 48 vdc input filter...................................................pi network output specifications voltage accuracy.........................................1%, max. line regulation..........................................0.5%, max. load regulation, 10%fl-fl...........................1%, max. ripple and noise, 20mhz bw..............75 mvp-p, max. short circuit protection............continuous, auto restart temperature coefficient..........................0.02%/c, max. general specifications switching frequency.................................130 khz, typ. efficiency..................................................72% to 84% isolation voltage, input to output...................6,000 vdc isolation resistance...............................10 9 ohms, min. isolation capacitance..................................20 pf, max. operating temperature, no derating.........-25c to +75c storage temperature range..................-40c to +125c cooling............................................free air convection mtbf per mil-hdbk-217f @25c..................1m hours safety standards......meets ul 60950-1, iec/en 60950-1 conducted emi........................meets en 55022 class a weight..............................................0.5 oz. (14 grams) case materials...........................plastic, ul 94v-0 rated #taeh6-2011-0624 tumbler technologies + trumpower ? santa clara, ca ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tae-h6 series 2:1 input, 6k vdc isolated, 3w trumpower dc/dc converters t bottom view 0.80 (20.3) 0.60 (15.2) 1.25 (31.8) 0.10 (2.5) 24 23 0.08 (2.0) 1 15 13 0.15 (3.9) 11 12 pin size: 0.02 (0.5) dia. all dimensions in inches (mm) 1 11 12 13 15 23,24 pin connections dual single pin +v input no pin -v output +v output no pin -v input +v input common no pin -v output +v output -v input 0.41 (10.4) output power model number output current *output voltage tae-3s4805h6 tae-3s4812h6 tae-3s4815h6 tae-3d4805h6 tae-3d4812h6 tae-3d4815h6 tae-3s1205h6 tae-3s1212h6 tae-3s1215h6 tae-3d1205h6 TAE-3D1212H6 tae-3d1215h6 tae-3s2405h6 tae-3s2412h6 tae-3s2415h6 tae-3d2405h6 tae-3d2412h6 tae-3d2415h6 9-18 vdc in 18-36 vdc in 4.5-9 vdc in 36-75 vdc in 3w 3w 3w 3w 3w 3w 600 ma 250 ma 200 ma 300 ma 125 ma 100 ma 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc tae-3s0505h6 tae-3s0512h6 tae-3s0515h6 tae-3d0505h6 tae-3d0512h6 tae-3d0515h6 *special input/output combinations available.


▲Up To Search▲   

 
Price & Availability of TAE-3D1212H6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X